Part Number Hot Search : 
FTN59 01460 CXA16 SA120 10D15 1005C 16LT1 MBT3906
Product Description
Full Text Search
 

To Download SA80AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0A Series 500 Watt Peak Power MiniMOSORBt Zener Transient Voltage Suppressors
Unidirectional
The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SA5.0A series is supplied in ON Semiconductor's exclusive, cost-effective, highly reliable Surmetict axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.
Features http://onsemi.com
Cathode
Anode
AXIAL LEAD CASE 59AA PLASTIC
* * * * * * * * *
Working Peak Reverse Voltage Range - 5.0 to 170 V Peak Power - 500 Watts @ 1.0 ms ESD Rating of Class 3 (>16 kV) per Human Body Model Maximum Clamp Voltage @ Peak Pulse Current Low Leakage < 1 mA above 8.5 V UL 497B for Isolated Loop Circuit Protection Maximum Temperature Coefficient Specified Response Time is typically < 1.0 ns Pb-Free Packages are Available*
MARKING DIAGRAM
A SAxxxA YYWWG G A = Assembly Location SAxxxA = Device Number xxx = (See Table Page 3) YY = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
Mechanical Characteristics: CASE: Void-free, Transfer-molded, Thermosetting Plastic FINISH: All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING: 230C, ORDERING INFORMATION
Device SAxxxA SAxxxAG SAxxxARL* SAxxxARLG* SAxxxALF** SAxxxALFG** Package Axial Lead Axial Lead (Pb-Free) Axial Lead Axial Lead (Pb-Free) Axial Lead Axial Lead (Pb-Free) Shipping 1000 Units / Box 1000 Units / Box 5000 / Tape & Reel 5000 / Tape & Reel 2000 Units / Box 2000 Units / Box
1/16 in. from the case for 10 seconds POLARITY: Cathode indicated by polarity band MOUNTING POSITION: Any
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *SA8.0A, SA130A, and SA160A Not Available in 5000/ Reel. ** Lead formed device.
1
May, 2006 - Rev. 11
Publication Order Number: SA5.0A/D
SA5.0A Series
MAXIMUM RATINGS
Rating Peak Power Dissipation (Note 1) @ TL 25C Steady State Power Dissipation @ TL 75C, Lead Length = 3/8 in Derated above TL = 75C Thermal Resistance, Junction-to-Lead Forward Surge Current (Note 2) @ TA = 25C Operating and Storage Temperature Range Symbol PPK PD Value 500 3.0 30 RqJL IFSM TJ, Tstg 33.3 70 - 55 to +175 Unit W W mW/C C/W A C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25C per Figure 2. 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 35 A)
Symbol IPP VC VRWM IR VBR IT QVBR IF VF Parameter Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Maximum Temperature Variation of VBR Forward Current Forward Voltage @ IF VC VBR VRWM
I IF
IR VF IT
V
IPP
Uni-Directional TVS
http://onsemi.com
2
SA5.0A Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 35 A)
Device Marking SA5.0A SA6.0A SA7.0A SA7.5A SA8.0A SA8.5A SA9.0A SA10A SA11A SA12A SA13A SA14A SA15A SA16A SA17A SA18A SA20A SA22A SA24A SA26A SA28A SA30A SA33A SA36A SA40A SA43A SA45A SA48A SA51A SA58A SA60A SA64A SA64A SA70A SA78A SA90A SA100A SA110A SA120A SA130A SA150A SA160A SA170A VRWM (Note 3) Volts 5 6 7 7.5 8 8.5 9 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 58 60 64 64 70 78 90 100 110 120 130 150 160 170 Breakdown Voltage IR @ VRWM mA 600 600 150 50 25 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 6.4 6.67 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 53.3 56.7 64.4 66.7 71.1 71.1 77.8 86.7 100 111 122 133 144 167 178 189 VBR (Note 4) (Volts) Min Nom 6.7 7.02 8.19 8.77 9.36 9.92 10.55 11.7 12.85 14 15.15 16.4 17.6 18.75 19.9 21.05 23.35 25.65 28.1 30.4 32.75 35.05 38.65 42.1 46.55 50.3 52.65 56.1 59.7 67.8 70.2 74.85 74.85 81.9 91.25 105.5 117 128.5 140 151.5 176 187.5 199 Max 7 7.37 8.6 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 71.2 73.7 78.6 78.6 86 95.8 111 123 135 147 159 185 197 209 @ IT mA 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 VC @ IPP (Note 5) VC Volts 9.2 10.3 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 93.6 96.8 103 103 113 126 146 162 177 193 209 243 259 275 IPP A 54.3 48.5 41.7 38.8 36.7 34.7 32.5 29.4 27.4 25.1 23.2 21.5 20.6 19.2 18.1 17.2 15.4 14.1 12.8 11.9 11 10.3 9.4 8.6 7.8 7.2 6.9 6.5 6.1 5.3 5.2 4.9 4.9 4.4 4.0 3.4 3.1 2.8 2.5 2.4 2.1 1.9 1.8 QVBR mV/C 5 5 6 7 7 8 9 10 11 12 13 14 16 17 19 20 23 25 28 30 31 36 39 41 46 50 52 56 61 70 71 76 76 85 95 110 123 133 146 158 184 196 208
Device* SA5.0A, G SA6.0A, G SA7.0A, G SA7.5A, G SA8.0A, G SA8.5A, G SA9.0A, G SA10A, G SA11A, G SA12A, G SA13A, G SA14A, G SA15A, G SA16A, G SA17A, G SA18A, G SA20A, G SA22A, G SA24A, G SA26A, G SA28A, G SA30A, G SA33A, G SA36A, G SA40A, G SA43A, G SA45A, G SA48A, G SA51A, G SA58A, G SA60A, G SA64A, G SA64ALF, G SA70A, G SA78A, G SA90A, G SA100A, G SA110A, G SA120A, G SA130A, G SA150A, G SA160A, G SA170A, G NOTE:
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value. 3. MiniMOSORBt transients suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or greater than the dc or continuous peak operating voltage level. 4. VBR measured at pulse test current IT at an ambient temperature of 25C. 5. Surge current waveform per Figure 4 and derate per Figures 1 and 2. 6. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute *The "G'' suffix indicates Pb-Free package available. Not Available in the 5000/Tape & Reel.
http://onsemi.com
3
SA5.0A Series
NONREPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 4 10 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ TA = 25 C 100 P K , PEAK POWER (kW) P
100 80 60 40 20 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C)
1
0.1 0.1 ms
1 ms
10 ms
100 ms
1 ms
10 ms
tp, PULSE WIDTH
Figure 1. Pulse Rating Curve
Figure 2. Pulse Derating Curve
tr 10 ms 10,000 C, CAPACITANCE (pF) MEASURED @ ZERO BIAS 100 VALUE (%) PEAK VALUE - IPP
PULSE WIDTH (tp) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IPP. IPP 2
1000
HALF VALUE - 50 tP 0
100
MEASURED @ (VRWM) 1 10 100 1000 0
10 0.1
1
2
3
4
VBR, BREAKDOWN VOLTAGE (VOLTS)
t, TIME (ms)
Figure 3. Capacitance versus Breakdown Voltage
Figure 4. Pulse Waveform
PD, STEADY STATE POWER DISSIPATION (WATTS)
5 4 3/8
3/8
3
2
1
0 0 25 50 75 100 125 150 175 200 TL, LEAD TEMPERATURE (C)
Figure 5. Steady State Power Derating
http://onsemi.com
4
SA5.0A Series
UL RECOGNITION* The entire series including the bidirectional CA suffix has Underwriters Laboratory Recognition for the classification of protectors (QVGV2) under the UL standard for safety 497B and File #E 116110. Many competitors only have one or two devices recognized or have recognition in a non-protective category. Some competitors have no recognition at all. With the UL497B recognition, our parts successfully passed several tests including Strike Voltage Breakdown test, Endurance Conditioning, Temperature test, Dielectric Voltage-Withstand test, Discharge test and several more. Whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category.
*Applies to SA5.0A, CA - SA170A, CA.
http://onsemi.com
5
SA5.0A Series
PACKAGE DIMENSIONS
AXIAL LEAD CASE 59AA-01 ISSUE O (Similar to DO-204AC or DO-15)
B
K
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. ALL RULES AND NOTES ASSOCIATED WITH JEDEC DO-41 OUTLINE SHALL APPLY. 4. POLARITY DENOTED BY CATHODE BAND. 5. LEAD DIAMETER NOT CONTROLLED WITHIN F DIMENSION. 6. REPLACES CASE 59-09. INCHES MIN MAX 0.228 0.299 0.102 0.142 0.028 0.034 1.000 --- MILLIMETERS MIN MAX 5.80 7.60 2.60 3.60 0.71 0.86 25.44 ---
A
DIM A B D K
K
MiniMOSORB and Surmetic are trademarks of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
SA5.0A/D


▲Up To Search▲   

 
Price & Availability of SA80AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X